PART |
Description |
Maker |
OPS860-HM-16 |
DDR3-1333 SO-DIMM max. up to 4 GB
|
Axiomtek Co., Ltd.
|
MANO870 |
2 DDR3-1333/1600 MHz max. up to 16 GB
|
Axiomtek Co., Ltd.
|
96LEDK-I057VG50NA1 |
Dual DDR3L-1333/1600 SODIMM sockets up to 16 GB
|
Advantech Co., Ltd.
|
TBOX323-835-FL-16 |
High performance DDR3L-1333 4 GB memory onboard
|
Axiomtek Co., Ltd.
|
MB837-D25 MB837-D25-R VGA8 |
1x DDR3 SO-DIMM, 1066/1333 MHz, Max. 4GB
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
PCI-7032F-00A1E |
Intel? Celeron J1900/N2930 PCI Half-size SBC with DDR3L 1333/Dual GbE/m-SATA/4 RS-232/422/485
|
Advantech Co., Ltd.
|
M-FIAM3MS3 M-FIAM3 M-FIAM3H11 M-FIAM3H12 M-FIAM3H1 |
Military 270Vin Filter Input Attenuator Module 军事270Vin滤波器输入衰减模 Crimp Socket Contact; Contact Material:Brass; Contact Termination:Crimp
|
Vicor, Corp. VICOR[Vicor Corporation]
|
M393T5750BY0-CD5/CC M393T2950BZ0-CD5/CC M393T2953B |
100 x 64 pixel format, TAB display SWITCH, DPDT, CTR OFF LOCKING; Thread size:1/4 x 40UNS; Switch function type:DPDT Centre Off; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, RoHS Compliant: Yes SWITCH, SPDT, CTR OFF; Thread size:1/4 x 40UNS; Switch function type:SPDT On-Off-Mom; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, contact:10mR; RoHS Compliant: Yes TVS BIDIRECT 1500W 16V SMC DDR2 Registered SDRAM MODULE 240pin Registered Module based on 512Mb B-die 72-bit ECC
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
RIF-0-RPT-24DC |
Pre-assembled relay module with push-in connection, consisting of: relay base with ejector and multi-layer gold contact relay. Contact type: 1 N/O contact. Input voltage: 24 V DC
|
PHOENIX CONTACT
|
UADT12 UADB48 USDP120 UFDK28 UFDB120 USDP75 UADT48 |
POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.095A (COIL), 12VDC (COIL), 1140mW (COIL), 4A (CONTACT), 28VDC (CONTACT), SOCKET MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.049A (COIL), 28VDC (COIL), 1372mW (COIL), 4A (CONTACT), 28VDC (CONTACT), SOCKET MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.009A (COIL), 120VDC (COIL), 1080mW (COIL), 4A (CONTACT), 28VDC (CONTACT), SOCKET MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.017A (COIL), 75VDC (COIL), 1275mW (COIL), 4A (CONTACT), 28VDC (CONTACT), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.027A (COIL), 48VDC (COIL), 1296mW (COIL), 4A (CONTACT), 28VDC (CONTACT), SOCKET MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.194A (COIL), 6VDC (COIL), 1164mW (COIL), 4A (CONTACT), 28VDC (CONTACT), SOCKET MOUNT
|
|
|